Part Number Hot Search : 
C3843 MMBD4 NCE0208I SY88973 X2065 W25Q32 RJK032 RJK032
Product Description
Full Text Search
 

To Download SM13100EL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features n iec 60335, iec 60601-1 and iec 60950-1 compliant n supplemental insulation n 250 vrms working voltage n 4000 vrms isolation voltage n expanded temperature range: -40 to +85 c n operating altitude up to 4 km n rohs compliant* applications n industrial ethernet controls n ethernet home appliances n medical equipment** SM13100EL 10/100 base-t transformer *rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. **excluding life-saving, life-critical or life-sustaining applications. specifcations are subject to change without notice. users should verify actual device performance in their specifc applications. the products described herein and this document are subject to specifc legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf . electrical specifcations @ 25 c inductance (100 khz, 0.1 v, 8 madc) ........................................ 350 h min. leakage inductance (td & rd - tx & rx shorted, @100 khz, 0.1 v) ............ 0.5 h max. dcr (td & rd) .............. 1200 m w max. turns ratio (3 %) td : tx .................................. 1ct:1ct rd : rx ................................. 1ct:1ct insertion loss (td to tx & rd to rx, 1-100 mhz) ........................................ -2.0 db max. return loss (td & tx & rd to rx w/ 100 w load) 1-30 mhz ........................... -12 db min. 30-45 mhz ......................... -10 db min. 45-60 mhz ........................... -8 db min. 60-80 mhz ........................... -6 db min. cross talk (between each channel) 1-100 mhz ......................... -40 db min. cmr (td to tx & rd to rx) 30 mhz .............................. -40 db min. 60 mhz .............................. -35 db min. 100 mhz ............................ -30 db min. dcmr (td to tx & rd to rx) 500k - 100 mhz ................. -33 db min. hi-pot (pri. to sec.) .................................. 4800 vac, 1 ma or 4000 vac, 1 ma, 60 sec. operating temperature range .................................. -40 c to +85 c storage temperature range ................................ -40 c to +125 c moisture sensitivity level ..................... 1 esd classifcation (hbm) ................. n/a electrical schematic packaging specifcations tape & reel ....................... 160 pcs./reel product dimensions recommended layout *rohs compliant lead free *rohs compliant versions available lead free versions are rohs compliant* *** clcoo**** model packaging e = tape and reel (160 pcs./reel) termination l = tin (rohs compliant) 1 2 3 tx+ ct tx? td+ ct td? 16 15 14 1ct : 1ct 6 7 8 rx+ ct rx? rd+ ct td? 11 10 9 1ct : 1ct line side chip side 24.15 0.50 (0.951 0.020) 18.20 0.50 (0.717 0.020) 2.54 0.20 (0.100 0.008) 0.60 0.10 (0.024 0.004) 12.80 0.50 (0.504 0.020) 15.50 0.50 (0.610 0.020) 17.78 0.20 (0.700 0.008) mm (inches) dimensions: pin 1 dot sm13100l yyww 1.60 0.15 (0.063 0.006) 2.42 0.15 (0.095 0.006) 0.40 0.10 (0.016 0.004) 17.78 (0.700) typ. 2.54 (0.100) typ. 19.10 (0.752) typ. 2.87 (0.113) typ. 1.02 (0.040) typ. 24.15 0.50 (0.951 0.020) 18.20 0.50 (0.717 0.020) 2.54 0.20 (0.100 0.008) 0.60 0.10 (0.024 0.004) 12.80 0.50 (0.504 0.020) 15.50 0.50 (0.610 0.020) 17.78 0.20 (0.700 0.008) mm (inches) dimensions: pin 1 dot sm13100l yyww 1.60 0.15 (0.063 0.006) 2.42 0.15 (0.095 0.006) 0.40 0.10 (0.016 0.004) 17.78 (0.700) typ. 2.54 (0.100) typ. 19.10 (0.752) typ. 2.87 (0.113) typ. 1.02 (0.040) typ. solder profle 290 t p t l +6 c/sec. max. +6 c/ sec. max. -6 c/sec. max. 10 sec. max. 250 217 125 25 230 170 110 50 0 0 pre- heat flux activation reflow time (seconds) temperature (c) cooling 60 120 180 240 300 360 420 approx. 120 sec. 60~150 sec.
packaging specifcations SM13100EL 10/100 base-t transformer specifcations are subject to change without notice. users should verify actual device performance in their specifc applications. the products described herein and this document are subject to specifc legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf . dimensions: mm (inches) 08/18 user direction of feed quantity: 160 pcs. per reel 330 (12.992) dia. sm13100l yyww yyww yyww 20.2 0.1 (0.795 0.004) 44.0 0.3 (1.732 0.012) 1.75 0.1 (0.069 0.004) 24.0 0.1 (0.945 0.004) 4.0 0.1 (0.157 0.004) 2.0 0.1 (0.079 0.004) 1.5 +0.10/-0.00 (0.059 + 0.004/-0.000 dia. 2.0 0.1 (0.079 0.004) dia. 0.5 0.1 (0.020 0.004) 24.5 0.1 (0.965 0.004) 18.6 0.1 (0.732 0.004) 13.4 0.1 (0.528 0.004) end st ar t no component 10 places no component 20 places components sm13100l sm13100l user direction of feed quantity: 160 pcs. per reel 330 (12.992) dia. sm13100l yyww yyww yyww 20.2 0.1 (0.795 0.004) 44.0 0.3 (1.732 0.012) 1.75 0.1 (0.069 0.004) 24.0 0.1 (0.945 0.004) 4.0 0.1 (0.157 0.004) 2.0 0.1 (0.079 0.004) 1.5 +0.10/-0.00 (0.059 + 0.004/-0.000 dia. 2.0 0.1 (0.079 0.004) dia. 0.5 0.1 (0.020 0.004) 24.5 0.1 (0.965 0.004) 18.6 0.1 (0.732 0.004) 13.4 0.1 (0.528 0.004) end st ar t no component 10 places no component 20 places components sm13100l sm13100l asia-pacifc: tel: +886-2 2562-4117 ? email: asiacus@bourns.com emea: tel: +36 88 520 390 ? email: eurocus@bourns.com the americas: tel: +1-951 781-5500 ? email: americus@bourns.com www.bourns.com
legal disclaimer notice this legal disclaimer applies to purchasers and users of bourns ? products manufactured by or on behalf of bourns, inc. and its a fliates (collectively, bourns). unless otherwise expressly indicated in writing, bourns ? products and data sheets relating thereto are subject to change without notice. users should check for and obtain the latest relevant information and verify that such information is current and complete before placing orders for bourns ? products. the characteristics and parameters of a bourns ? product set forth in its data sheet are based on laboratory conditions, and statements regarding the suitability of products for certain types of applications are based on bourns knowledge of typical requirements in generic applications. the characteristics and parameters of a bourns ? product in a user application may vary from the data sheet characteristics and parameters due to (i) the combination of the bourns ? product with other components in the users application, or (ii) the environment of the user application itself. the characteristics and parameters of a bourns ? product also can and do vary in diferent applications and actual performance may vary over time. users should always verify the actual performance of the bourns ? product in their specifc devices and applications, and make their own independent judgments regarding the amount of additional test margin to design into their device or application to compensate for dif erences between laboratory and real world conditions. unless bourns has explicitly designated an individual bourns ? product as meeting the requirements of a particular industry standard (e.g., iso/ts 16949) or a particular qualif cation (e.g., ul listed or recognized), bourns is not responsible for any failure of an individual bourns ? product to meet the requirements of such industry standard or particular qualifcation. users of bourns ? products are responsible for ensuring compliance with safety-related requirements and standards applicable to their devices or applications. bourns ? products are not recommended, authorized or intended for use in nuclea r , lifesaving, life-critical or life-sustaining applications, nor in any other applications where failure or malfunction may result in personal injury, death, or severe property or environmental damage. unless expressly and specifcally approved in writing by two authorized bourns representatives on a case-by-case basis, use of any bourns ? products in such unauthorized applications might not be safe and thus is at the users sole risk. life-critical applications include devices identifed by the u.s. food and drug administration as class iii devices and generally equivalent classif cations outside of the united states. bourns expressly identifes those bourns ? standard products that are suitable for use in automotive applications on such products data sheets in the section entitled applications. unless expressly and specifcally approved in writing by two authorized bourns representatives on a case-by-case basis, use of any other bourns ? standard products in an automotive application might not be safe and thus is not recommended, authorized or intended and is at the users sole risk. if bourns expressly identif es a sub-category of automotive application in the data sheet for its standar d products (such as infotainment or lighting), such identif cation means that bourns has reviewed its standard product and has determined that if such bourns ? standard product is considered for potential use in automotive applications, it should only be used in such sub-category of automotive applications. any reference to bourns ? standard product in the data sheet as compliant with the aec-q standard or automotive grade does not by itself mean that bourns has approved such product for use in an automotive application. bourns ? standard products are not tested to comply with united states federal aviation administration standards generally or any other generally equivalent governmental organization standard applicable to products designed or manufactured for use in aircraft or space applications. bourns expressly identifies bourns ? standard products that are suitable for use in aircraft or space applications on such products data sheets in the section entitled applications. unless expressly and specifically approved in writing by two authorized bourns representatives on a case-by-case basis, use of any other bourns ? standard product in an aircraft or space application might not be safe and thus is not recommended, authorized or intended and is at the users sole risk. the use and level of testing applicable to bourns ? custom products shall be negotiated on a case-by-case basis by bourns and the user for which such bourns ? custom products are specially designed. absent a written agreement between bourns and the user regarding the use and level of such testing, the above provisions applicable to bourns ? standard products shall also apply to such bourns ? custom products. users shall not sell, transfer, export or re-export any bourns ? products or technology for use in activities which involve the design, development, production, use or stockpiling of nuclea r, chemical or biological weapons or missiles, nor shall they use bourns ? products or technology in any facility which engages in activities relating to such devices. the foregoing restrictions apply to all uses and applications that violate national or inter national prohibitions, including embargos or international regulations. furthe r , bourns ? products and bourns technology and technical data may not under any circumstance be exported or re-exported to countries subject to international sanctions or embargoes. bourns ? products may not, without prior authorization from bourns and/or the u.s. government, be resold, transferred, or re-exported to any party not eligible to receive u.s. commodities, software, and technical data. t o th e maximum extent permitted by applicable law, bourns disc laims (i) any and all liability for special, pu nitiv e, consequential, i n cidental or indirect dama g es or lost revenues or lost pro fts, and (ii) any a n d all implied warranties, inclu ding implied warranties of f tness for particular purpose, non-infringement and merchantability. for your convenience, copies of this legal disclaimer notice with german, spanish, japanese, traditional chinese and simplifed chinese bilingual versions are available at: web page: http://www.bourns.com/legal/disclaimers-terms-and-policies pdf: http://www.bourns.com/docs/legal/disclaimer.pdf c1753 05/17/18


▲Up To Search▲   

 
Price & Availability of SM13100EL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X